| Moteur de recherche de fiches techniques de composants électroniques |
|
AXP288C Fiches technique(PDF) 3 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
|
|||||||||||||||||||||||||||||
AXP288C Fiches technique(HTML) 3 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
3 / 110 page ![]() AXP288 PMIC Optimized For Multi-Core High-Performance System AXP288 Datasheet V1.06 Copyright © 2014 X-Powers Limited. All Rights Reserved. 3 8. Correct Reg3BH Bit[4],bit[3-0] description 9. Update the max charge current to 2.8A 10. Update electrical characteristics description 11. Correct Reg25H Reg26H default value to A8 12. Add table-1 for part number description 13. Add Package materials information Figure 11-3 14. Add RegA0H RegA1H real time value of battery voltage description 15. Update Reg80H bit[7] description 16. Update RegB8H bit[3] description 17. Add order information and table 11 18. Correct table 9-29 description 19. Correct Reg01H bit[4] description 20. Correct Reg59H, 5BH, 79H, 7BH, 7DH description Rev 1.07 2014.6.24 1. Add AXP288D description |