| Moteur de recherche de fiches techniques de composants électroniques |
|
PD780C Fiches technique(PDF) 19 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PD780C Fiches technique(HTML) 19 Page - NEC |
|
19 / 24 page ![]() Instruction Set (cont) � Opel8llon Coda No. of No. of Flags Mnemanle OpBl'llllon DBlCriptlon 7 6 5 .3 2 1 0 Clocks Byles C Z PlY S N H LD I (DE) <- (HL) Load location (DE )wilh location 1 0 1 1 0 1 16 2 • • ;(T) • 0 0 DE <-DE + 1 (HL), increment DE , HL; decrement 0 o 0 0 0 0 (l HL <- HL +1 BC BC <- BC - 1 LDIR (DE ) <- (HL) Load location (DE )with location (HL); 1 0 1 1 0 1 21 if BC ,. 0 2 • • 0 • 0 0 DE <- DE + 1 increment DE, HL, 0 1 o 0 0 0 16 if BC = 0 HL <- HL + 1 decrement BC and repeat until BC = 0 BC <- BC -1 until BC = 0 NEG A - O -A Negate ACC (2's complement) 1 1 a 1 0 1 8 2 V 0 000 o 0 NOP No operation 00000000 4 • • • • • • OR r A <-AV r Logical 'OR' of Reg. rand ACC 0 0 r r r (8) 4 0 P 0 OR n A <- AV n Logical 'OR' of value n and ACC 0 0 7 2 • 0 * n n n n n n n n OR (Hl) A <- AV (HL) Logical 'OR' of loc. (HL) and ACC 0 0 0 7 1 • * * 0 OR (IX + d) A - (IX + d) Logical 'OR' of loc. (IX + d) /I ACC 1 1 a 1 1 1 a 1 19 3 • * * 0 1 a 1 1 0 1 1 0 ddddd dd d OR (IY +d) A <-AV (IV + d) Logical 'OR' of loc. (IY + d) /I ACC 1 1 1 1 1 1 a 1 19 3 • P a 1 0 1 1 0 1 1 a d d d d d d d d OTDR (C )- (H L) Load output port (C )with contents of location 1 0 1 a 21 if B,. 0 2 • X X X B<-B- l (HL), decrement HL and B, repeat until B = 0 0 1 o 1 16 if B = e HL - HL -1 until B= 0 OTIR (e) <- (HL) Load output port (C )with location (HL), 0 0 21 if B,. 0 2 • X X X B-B- l increment HL, decrement B. 16 if B = C HI - HL + 1 until B = 0 repeat until B = 0 OUT (C ), r (C )<- r Load output port (C )with Reg. r 1 0 1 0 1 (8) 12 2 • • • • • • 0 r r r o 0 1 OUT (n), A (n) <-A Load output port (n) with AC e 0 o 0 11 2 • • • • • • n n n n n n n n OUTD (e) <- (HL) Load output port (C )with location (HL), 1 0 1 0 16 2 • 1(3) X X X B-B - l, HL<- HL-l increment HL and decrement B 0 0 0 1 OUTI (e) -(HL) Load output port (e) with location (HL), 1 0 11 0 16 2 • 1(3) X X X B -B-1, HL -HL+1 increment HLand decrement B 0 000 1 1:: ,. C ..... .j>. CD I 0 |