Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR8327N-AL1A-R Fiches technique(PDF) 65 Page - List of Unclassifed Manufacturers

No de pièce AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Fiches technique(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 61Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 62Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 63Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 64Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 65Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 66Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 67Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 68Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
65
3.2.7
GLOBAL_INT1
Address 0x0024
SFT&HW RST
15:12
R/O
0
RESERVED
11
R/W1C
0
ARL_LEARN_CREATE_INT Create new entry.
ARL learn a new address: Auto learn, add a
new address to ARL.
IGMP/MLD join a new entry: add new
IGMP/MLD multicast entry to ARL
10
R/W1C
0
ARL_LEARN_CHANGE_IN
T
Change an existed entry.
ARL learn: Auto learn, address exists.
Change to new port
IGMP/MLD join new port: add source port
to IGMP/MLD multicast entry
IGMP/MLD leave port: one port remove
from the IGMP/MLD Entry
9
R/W1C
0
ARL_DELETE_INT
Delete an existing entry.
AGE: age one entry from ARL(including
uni/mul/igmp…)
IGMP/MLD leave port: one IGMP/MLD
entry is removed from ARL
8
R/W1C
0
ARL_LEARN_FULL_INT
Interrupt when learn a new address in
address table, but the address's two entries
are all valid.
7
R/O
0
RESERVED
6
R/W1C
0
NAPT_AGE_DELETE_INT
NAPT AGE INTERUPT
5
R/W1C
0
ARP_LEARN_CREATE_INT Create new entry.
ARP learn a new address: Auto learn, add a
new address to ARP table
4
R/W1C
0
ARP_LEARN_CHANGE_IN
T
Change an existed entry.
ARP learn: Auto learn, address exists.
Change to new port
3
R/W1C
0
ARP_AGE_DELETE_INT
Interrupt when entry removed by hardware
age
2
R/W1C
0
ARP_LEARN_FULL_INT
Interrupt when learning a new address in
ARP table, but table is full
1
R/W1C
0
VT_MISS_VIO_INT
Interrupt when the VID isn't in VLAN table.
0
R/W1C
0
VT_MEM_VIO_INT
Interrupt when the VID is in VLAN table,
but source port isn't the member of the VID.
Table 3-9.
Global Interrupt Register 0
Bit
R/W
Inital
Value
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More