Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR8327N-AL1A-R Fiches technique(PDF) 375 Page - List of Unclassifed Manufacturers

No de pièce AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Fiches technique(HTML) 375 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 371Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 372Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 373Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 374Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 375Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 376Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 377Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 378Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 379Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
375
Table 3-397.
PCS Control1
Bit
Symbol
Type
Description
15:12
Reserved
Mode
R/W
Always 0.
HW Rst
0
SW Rst
0
11
Tx lp idle received
Mode
R/O
When read as 1, it indicates that the
transmit PCS has received low power
idle signaling one or more times since
the register was last read. Lach High.
HW Rst
0
SW Rst
0
10
Rx lp idle received
Mode
R/W
When read as 1, it indicates that the
recive PCS has received low power idle
signaling one or more times since the
register was last read. Lach High.
HW Rst
0
SW Rst
0
9
Tx lp idle indication
Mode
R/W
When read as 1, it indicates that the
transmit PCS is currently receiving low
power idle signals.
HW Rst
0
SW Rst
0
8
Rx lp idle indication
Mode
R/W
When read as 1, it indicates that the
receive PCS is currently receiving low
power idle signals.
HW Rst
0
SW Rst
0
7:0
Reserved
Mode
R/O
Always 0
HW Rst
0
SW Rst
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More