Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR8327N-AL1A-R Fiches technique(PDF) 184 Page - List of Unclassifed Manufacturers

No de pièce AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Fiches technique(HTML) 184 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 180Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 181Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 182Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 183Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 184Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 185Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 186Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 187Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 188Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 394 page
background image
184 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
184 • June 2011
COMPANY CONFIDENTIAL
3.7.5
PORT0_WRR_CTRL
Address 0x0830
SFT&HW RST
Table 3-156, “Port 0 WRR Control Register,” on page 184 summarizes the PORT0_WRR_CTRL Register
Table 3-156.
Port 0 WRR Control Register
11:10
R/O
0
RESERVED
9:8
R/W
0
LAN_PRI_QUEUE_0X2
The destination Queue for priority
value 0x2 in port 1, 2, 3 and 4
7:6
R/O
0
RESERVED
5:4
R/W
0
LAN_PRI_QUEUE_0X1
The destination Queue for priority
value 0x1 in port 1, 2, 3 and 4
3:2
R/O
0
RESERVED
1:0
R/W
0
LAN_PRI_QUEUE_0X0
The destination Queue for priority
value 0x0 in port 1, 2, 3 and 4
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:30
R/W
2'b00
WEIGHT_PRI_CTRL_0
2'b00: strict priority
2'b01: only highest queue use strick
priority, others use weighted fair
queuing schme
2'b10: the highest two queues use strick
priority, other two queues use
weighted fair queuing schme.
2'b11: all queues use weighted fair
queuing schme which defined in
"WRR_PRI3/2/1/0".
29:25
R/O
8
WRR_PRI5_1
Wrr setting for priority 5
24:20
R/O
8
WRR_PRI4_1
Wrr setting for priority 4
19:15
R/W
8
WRR_PRI3_0
Wrr setting for priority 3
14:10
R/W
4
WRR_PRI2_0
Wrr setting for priority 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More