Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

32F030F4P6 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce 32F030F4P6
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32F030F4P6 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button 32F030F4P6 Datasheet HTML 4Page - STMicroelectronics 32F030F4P6 Datasheet HTML 5Page - STMicroelectronics 32F030F4P6 Datasheet HTML 6Page - STMicroelectronics 32F030F4P6 Datasheet HTML 7Page - STMicroelectronics 32F030F4P6 Datasheet HTML 8Page - STMicroelectronics 32F030F4P6 Datasheet HTML 9Page - STMicroelectronics 32F030F4P6 Datasheet HTML 10Page - STMicroelectronics 32F030F4P6 Datasheet HTML 11Page - STMicroelectronics 32F030F4P6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
Introduction
STM32F030x4/x6/x8/xC
8/93
DS9773 Rev 4
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F030x4/x6/x8/xC microcontrollers.
This document should be read in conjunction with the STM32F0x0xx reference manual
(RM0360). The reference manual is available from the STMicroelectronics website
www.st.com.
For information on the Arm®(a) Cortex®-M0 core, please refer to the Cortex®-M0 Technical
Reference Manual, available from the www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93