Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F030RCT6 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM32F030RCT6
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030RCT6 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM32F030RCT6 Datasheet HTML 30Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 31Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 32Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 33Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 34Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 35Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 36Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 37Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
Table 12. Alternate functions selected through GPIOA_AFR registers for port A
Pin name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
PA0
-
USART1_CTS(2)
-
-
USART4_TX(1)
--
USART2_CTS(1)(3)
PA1
EVENTOUT
USART1_RTS(2)
-
-
USART4_RX(1)
TIM15_CH1N(1)
-
USART2_RTS(1)(3)
PA2
TIM15_CH1(1)(3)
USART1_TX(2)
--
-
-
-
USART2_TX(1)(3)
PA3
TIM15_CH2(1)(3)
USART1_RX(2)
--
-
-
-
USART2_RX(1)(3)
PA4
SPI1_NSS
USART1_CK(2)
-
-
TIM14_CH1
USART6_TX(1)
-
USART2_CK(1)(3)
PA5
SPI1_SCK
-
-
-
-
USART6_RX(1)
-
PA6
SPI1_MISO
TIM3_CH1
TIM1_BKIN
-
USART3_CTS(1)
TIM16_CH1
EVENTOUT
PA7
SPI1_MOSI
TIM3_CH2
TIM1_CH1N
-
TIM14_CH1
TIM17_CH1
EVENTOUT
PA8
MCO
USART1_CK
TIM1_CH1
EVENTOUT
-
-
-
PA9
TIM15_BKIN(1)(3)
USART1_TX
TIM1_CH2
-
I2C1_SCL(1)(2)
MCO(1)
-
PA10
TIM17_BKIN
USART1_RX
TIM1_CH3
-
I2C1_SDA(1)(2)
--
PA11
EVENTOUT
USART1_CTS
TIM1_CH4
-
-
SCL
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93