Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F030xC Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STM32F030xC
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030xC Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STM32F030xC Datasheet HTML 21Page - STMicroelectronics STM32F030xC Datasheet HTML 22Page - STMicroelectronics STM32F030xC Datasheet HTML 23Page - STMicroelectronics STM32F030xC Datasheet HTML 24Page - STMicroelectronics STM32F030xC Datasheet HTML 25Page - STMicroelectronics STM32F030xC Datasheet HTML 26Page - STMicroelectronics STM32F030xC Datasheet HTML 27Page - STMicroelectronics STM32F030xC Datasheet HTML 28Page - STMicroelectronics STM32F030xC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
DS9773 Rev 4
25/93
STM32F030x4/x6/x8/xC
Pinouts and pin descriptions
33
4
Pinouts and pin descriptions
Figure 4. LQFP64 64-pin package pinout (top view), for STM32F030x4/6/8 devices
Figure 5. LQFP64 64-pin package pinout (top view), for STM32F030RC devices
MSv36496V2
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24
29 30 31 32
25 26 27 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VDD
PC14-OSC32_IN
PF0-OSC_IN
NRST
PC0
PC1
PC2
PC3
VSSA
VDDA
PA0
PA1
PA2
PF7
PF6
PA13
PA12
PA11
PA10
PA9
PA8
PC9
PC8
PC7
PC6
PB15
PB14
PB13
PB12
LQFP64
PC13
PF1-OSC_OUT
PC15-OSC32_OUT
IO pins replaced by supply pairs for STM32F030RC devices.
MSv36483V2
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24
29 30 31 32
25 26 27 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VDD
PC14-OSC32_IN
PF0-OSC_IN
NRST
PC0
PC1
PC2
PC3
VSSA
VDDA
PA0
PA1
PA2
VDD
VSS
PA13
PA12
PA11
PA10
PA9
PA8
PC9
PC8
PC7
PC6
PB15
PB14
PB13
PB12
LQFP64
PC13
PF1-OSC_OUT
PC15-OSC32_OUT
Additional supply pins required for STM32F030RC devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93