Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F030CC Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STM32F030CC
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030CC Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STM32F030CC Datasheet HTML 22Page - STMicroelectronics STM32F030CC Datasheet HTML 23Page - STMicroelectronics STM32F030CC Datasheet HTML 24Page - STMicroelectronics STM32F030CC Datasheet HTML 25Page - STMicroelectronics STM32F030CC Datasheet HTML 26Page - STMicroelectronics STM32F030CC Datasheet HTML 27Page - STMicroelectronics STM32F030CC Datasheet HTML 28Page - STMicroelectronics STM32F030CC Datasheet HTML 29Page - STMicroelectronics STM32F030CC Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 93 page
background image
Pinouts and pin descriptions
STM32F030x4/x6/x8/xC
26/93
DS9773 Rev 4
Figure 6. LQFP48 48-pin package pinout (top view), for STM32F030x4/6/8 devices
Figure 7. LQFP48 48-pin package pinout (top view), for STM32F030CC devices
44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
12
13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45
LQFP48
PF7
PF6
PA13
PA12
PA11
PA10
PA9
PA8
PB15
PB14
PB13
PB12
VDD
NRST
VSSA
VDDA
PA0
PA1
PA2
PC13
PC14-OSC32_IN
PF0-OSC_IN
PF1-OSC_OUT
PC15-OSC32_OUT
MSv36497V2
IO pins replaced by supply pairs for STM32F030CC devices.
44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
12
13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45
LQFP48
VDD
VSS
PA13
PA12
PA11
PA10
PA9
PA8
PB15
PB14
PB13
PB12
VDD
NRST
VSSA
VDDA
PA0
PA1
PA2
PC13
PC14-OSC32_IN
PF0-OSC_IN
PF1-OSC_OUT
PC15-OSC32_OUT
MSv36484V2
Additional supply pins required for STM32F030CC devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93