Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F030R8 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STM32F030R8
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030R8 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STM32F030R8 Datasheet HTML 33Page - STMicroelectronics STM32F030R8 Datasheet HTML 34Page - STMicroelectronics STM32F030R8 Datasheet HTML 35Page - STMicroelectronics STM32F030R8 Datasheet HTML 36Page - STMicroelectronics STM32F030R8 Datasheet HTML 37Page - STMicroelectronics STM32F030R8 Datasheet HTML 38Page - STMicroelectronics STM32F030R8 Datasheet HTML 39Page - STMicroelectronics STM32F030R8 Datasheet HTML 40Page - STMicroelectronics STM32F030R8 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
DS9773 Rev 4
37/93
STM32F030x4/x6/x8/xC
37
Table 14. Alternate functions selected through GPIOC_AFR(1) registers for port C
1. Available on STM32F030xC devices only.
Pin name
AF0(2)
2. Default alternate functions for STM32F030x4/x6/x8 devices (they do not have the GPIOC_AFR registers).
AF1(1)
AF2(1)
PC0
EVENTOUT
-
USART6_TX
PC1
EVENTOUT
-
USART6_RX
PC2
EVENTOUT
SPI2_MISO
-
PC3
EVENTOUT
SPI2_MOSI
-
PC4
EVENTOUT
USART3_TX
-
PC5
-
USART3_RX
-
PC6
TIM3_CH1
-
-
PC7
TIM3_CH2
-
-
PC8
TIM3_CH3
-
-
PC9
TIM3_CH4
-
-
PC10
USART4_TX(1)
USART3_TX
-
PC11
USART4_RX(1)
USART3_RX
-
PC12
USART4_CK(1)
USART3_CK
USART5_TX
PC13
---
PC14
---
PC15
---
Table 15. Alternate functions selected through GPIOD_AFR(1) registers for port D
1. Available on STM32F030xC devices only.
Pin name
AF0(2)
2. Default alternate functions for STM32F030x4/x6/x8 devices (they do not have the GPIOD_AFR registers).
AF1(1)
AF2(1)
PD2
TIM3_ETR
USART3_RTS
USART5_RX
Table 16. Alternate functions selected through GPIOF_AFR(1) registers for port F
1. Available on STM32F030xC devices only.
Pin name
AF0(2)
2. Default alternate functions for STM32F030x4/x6/x8 devices (they do not have the GPIOF_AFR registers).
AF1(1)
PF0
-
I2C1_SDA
PF1
-
I2C1_SCL
PF4
EVENTOUT(1)
PF5
EVENTOUT(1)
PF6
I2C1_SCL(3), I2C2_SCL(4)
3. Applies to STM32F030x4/x6
4. Applies to STM32F030x8
PF7
I2C1_SDA(3), I2C2_SDA(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93