Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F030C6 Fiches technique(PDF) 90 Page - STMicroelectronics

No de pièce STM32F030C6
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030C6 Fiches technique(HTML) 90 Page - STMicroelectronics

Back Button STM32F030C6 Datasheet HTML 85Page - STMicroelectronics STM32F030C6 Datasheet HTML 86Page - STMicroelectronics STM32F030C6 Datasheet HTML 87Page - STMicroelectronics STM32F030C6 Datasheet HTML 88Page - STMicroelectronics STM32F030C6 Datasheet HTML 89Page - STMicroelectronics STM32F030C6 Datasheet HTML 90Page - STMicroelectronics STM32F030C6 Datasheet HTML 91Page - STMicroelectronics STM32F030C6 Datasheet HTML 92Page - STMicroelectronics STM32F030C6 Datasheet HTML 93Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 90 / 93 page
background image
Revision history
STM32F030x4/x6/x8/xC
90/93
DS9773 Rev 4
9
Revision history
Table 64. Document revision history
Date
Revision
Changes
04-Jul-2013
1
Initial release.
15-Jan-2015
2
Extended the applicability to STM32F030xC.
Updated:
– Features and Table Device summary,
– Section: Description,
– Table: STM32F030x4/6/8/C family device features
and peripheral counts,
– Figure: Block diagram,
– Section: Memories,
– Section: General-purpose inputs/outputs (GPIOs),
– Section: Universal synchronous/asynchronous
receiver transmitters (USART),
– Table: STM32F030x4/6/8/C pin definitions,
– Table: Alternate functions selected through
GPIOA_AFR registers for port A,
– Table: Alternate functions selected through
GPIOB_AFR registers for port B
– Table: Alternate functions selected through
GPIOC_AFR registers for port C
– Table: Alternate functions selected through
GPIOD_AFR registers for port D,
– Table: Alternate functions selected through
GPIOF_AFR registers for port F,
– Section: EMC characteristics,
– Section: Part numbering.
Added device marking examples:
– Figure: LQFP64 marking example (package top view),
– Figure: LQFP48 marking example (package top view),
– Figure: LQFP32 marking example (package top view),
– Figure: TSSOP20 marking example (package top
view).
23-Jan-2017
3
Updated:
– Table 2: STM32F030x4/x6/x8/xC family device
features and peripheral counts
– Figure 1: Block diagram and figure footnotes
– Figure 2: Clock tree of STM32F030x4/x6/x8 and
figure footnotes
– Section 3.11: Timers and watchdogs - number of
timers, counts of complementary outputs in the table
and the footnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93