Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM200WD3 Fiches technique(PDF) 21 Page - LG Semicon Co.,Ltd.

No de pièce LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LG [LG Semicon Co.,Ltd.]
Site Internet  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Fiches technique(HTML) 21 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 25Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
21 / 32
FIG. 9 Response time (measurement equipment : RD-80S)
4. Response time is the time required for the display to transition from black to white
(Decay Time, TrD) and from white to black (Rise Time, TrR)
The sampling rate is 500K sample/sec. For additional information see FIG. 9.
The response time is defined as the following figure and shall be measured by
switching the input signal for each gray to gray.
5. Viewing angle is the angle at which the contrast ratio is greater than 10 or 5. The angles are
determined for the horizontal or x axis and the vertical or y axis with respect to the z axis
which is normal to the LCD surface. For more information see FIG. 10 .
FIG. 10 Viewing angle
100
90
10
0
[%]
Optical
response
white
black
white
TrR
TrD
Notes :
<Dimension of viewing angle range>
Normal
Y
E
 = 0, Right
 = 180 , Left
 = 270 , Down
 = 90 , Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32