Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPCQ64 Fiches technique(PDF) 9 Page - Intel Corporation

No de pièce EPCQ64
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ64 Fiches technique(HTML) 9 Page - Intel Corporation

Back Button EPCQ64 Datasheet HTML 5Page - Intel Corporation EPCQ64 Datasheet HTML 6Page - Intel Corporation EPCQ64 Datasheet HTML 7Page - Intel Corporation EPCQ64 Datasheet HTML 8Page - Intel Corporation EPCQ64 Datasheet HTML 9Page - Intel Corporation EPCQ64 Datasheet HTML 10Page - Intel Corporation EPCQ64 Datasheet HTML 11Page - Intel Corporation EPCQ64 Datasheet HTML 12Page - Intel Corporation EPCQ64 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
1.4.2. Address Range for EPCQ32
Table 9.
Address Range for Sectors 63..0 and Subsectors 1023..0 in EPCQ32 Devices
Sector
Subsector
Address Range (Byte Addresses in HEX)
Start
End
63
1023
3FF000
3FFFFF
1022
3FE000
3FEFFF
.
.
.
1010
3F2000
3F2FFF
1009
3F1000
3F1FFF
1008
3F0000
3F0FFF
62
1007
3EF000
3EFFFF
1006
3EE000
3EEFFF
.
.
.
994
3E2000
3E2FFF
993
3E1000
3E1FFF
992
3E0000
3E0FFF
1
31
1F000
1FFFF
30
1E000
1EFFF
.
.
.
18
12000
12FFF
17
11000
11FFF
16
10000
10FFF
0
15
F000
FFFF
14
E000
EFFF
.
.
.
2
2000
2FFF
1
1000
1FFF
0
H'0000000
H'0000FFF
1.4.3. Address Range for EPCQ64
Table 10.
Address Range for Sectors 127..0 and Subsectors 2047..0 in EPCQ64 Devices
Sector
Subsector
Address Range (Byte Addresses in HEX)
Start
End
127
2047
7FF000
7FFFFF
2046
7FE000
7FEFFF
.
.
.
continued...
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48