Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SDP137THD Fiches technique(PDF) 4 Page - Solitron Devices Inc.

No de pièce SDP137THD
Description  MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOLITRON [Solitron Devices Inc.]
Site Internet  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.

SDP137THD Fiches technique(HTML) 4 Page - Solitron Devices Inc.

  SDP137THD Datasheet HTML 1Page - Solitron Devices Inc. SDP137THD Datasheet HTML 2Page - Solitron Devices Inc. SDP137THD Datasheet HTML 3Page - Solitron Devices Inc. SDP137THD Datasheet HTML 4Page - Solitron Devices Inc. SDP137THD Datasheet HTML 5Page - Solitron Devices Inc. SDP137THD Datasheet HTML 6Page - Solitron Devices Inc. SDP137THD Datasheet HTML 7Page - Solitron Devices Inc. SDP137THD Datasheet HTML 8Page - Solitron Devices Inc. SDP137THD Datasheet HTML 9Page - Solitron Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-99612
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
4
DSCC FORM 2234
APR 97
DEPARTMENT OF DEFENSE SPECIFICATIONS
MIL-PRF-38534 - Hybrid Microcircuits, General Specification for.
DEPARTMENT OF DEFENSE STANDARDS
MIL-STD-883
- Test Method Standard Microcircuits.
MIL-STD-1835 - Interface Standard for Electronic Component Case Outlines.
DEPARTMENT OF DEFENSE HANDBOOKS
MIL-HDBK-103 - List of Standard Microcircuit Drawings.
MIL-HDBK-780 - Standard Microcircuit Drawings.
(Copies of these documents are available online at https://assist.daps.dla.mil/quicksearch/ or from the Standardization
Document Order Desk, 700 Robbins Avenue, Building 4D, Philadelphia, PA 19111-5094.)
2.2 Order of precedence. In the event of a conflict between the text of this drawing and the references cited herein, the text
of this drawing takes precedence. Nothing in this document, however, supersedes applicable laws and regulations unless a
specific exemption has been obtained.
3. REQUIREMENTS
3.1 Item requirements. The individual item performance requirements for device classes D, E, G, H, and K shall be in
accordance with MIL-PRF-38534. Compliance with MIL-PRF-38534 shall include the performance of all tests herein or as
designated in the device manufacturer's Quality Management (QM) plan or as designated for the applicable device class. The
manufacturer may eliminate, modify or optimize the tests and inspections herein, however the performance requirements as
defined in MIL-PRF-38534 shall be met for the applicable device class. In addition, the modification in the QM plan shall not
affect the form, fit, or function of the device for the applicable device class.
3.2 Design, construction, and physical dimensions. The design, construction, and physical dimensions shall be as specified
in MIL-PRF-38534 and herein.
3.2.1 Case outline(s). The case outline(s) shall be in accordance with 1.2.4 herein and figure 1.
3.2.2 Terminal connections. The terminal connections shall be as specified on figure 2.
3.3 Electrical performance characteristics. Unless otherwise specified herein, the electrical performance characteristics are
as specified in table I and shall apply over the full specified operating temperature range.
3.4 Electrical test requirements. The electrical test requirements shall be the subgroups specified in table II. The electrical
tests for each subgroup are defined in table I.
3.5 Marking of device(s). Marking of device(s) shall be in accordance with MIL-PRF-38534. The device shall be marked with
the PIN listed in 1.2 herein. In addition, the manufacturer's vendor similar PIN may also be marked.
3.6 Data. In addition to the general performance requirements of MIL-PRF-38534, the manufacturer of the device described
herein shall maintain the electrical test data (variables format) from the initial quality conformance inspection group A lot sample,
for each device type listed herein. Also, the data should include a summary of all parameters manually tested, and for those
which, if any, are guaranteed. This data shall be maintained under document revision level control by the manufacturer and be
made available to the preparing activity (DLA Land and Maritime -VA) upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com