Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYUSB3610 Fiches technique(PDF) 13 Page - Cypress Semiconductor

No de pièce CYUSB3610
Description  EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3610 Fiches technique(HTML) 13 Page - Cypress Semiconductor

Back Button CYUSB3610 Datasheet HTML 9Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 10Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 11Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 12Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 13Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 14Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 15Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 16Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
CYUSB3610
Document Number: 001-94768 Rev. *C
Page 13 of 35
Flow Chart of Default WOL Ready Mode
(1) Operation Mode setting by Pin#19, #21
(2) Set GPIO_0 as PME definition
(3) Pull-up GPIO[1] to enable Default WOL Ready mode.
(4) Power on reset, either by on-chip power-on reset circuit or RESET# pin.
The Default WOL Ready Mode is enabled.
Wakeup event asserts?
(1) PME asserts with
static level that is used as power
control to system processor.
(2) Default WOL Ready Mode is disabled.
System processor powers on and supplies VBUS
to GX3.
GX3 is in normal operation mode.
Assert RESET# and
GPIO[1] = 1?
(1) PME de-asserts.
(2) The Default WOL Ready Mode is
enabled.
YES
YES
NO
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35