| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18LF4520E/MLQTP Fiches technique(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF4520E/MLQTP Fiches technique(HTML) 22 Page - Microchip Technology |
|
22 / 390 page ![]() PIC18F2420/2520/4420/4520 DS39631A-page 20 Preliminary 2004 Microchip Technology Inc. PORTD is a bidirectional I/O port or a Parallel Slave Port (PSP) for interfacing to a microprocessor port. These pins have TTL input buffers when PSP module is enabled. RD0/PSP0 RD0 PSP0 19 38 38 I/O I/O ST TTL Digital I/O. Parallel Slave Port data. RD1/PSP1 RD1 PSP1 20 39 39 I/O I/O ST TTL Digital I/O. Parallel Slave Port data. RD2/PSP2 RD2 PSP2 21 40 40 I/O I/O ST TTL Digital I/O. Parallel Slave Port data. RD3/PSP3 RD3 PSP3 22 41 41 I/O I/O ST TTL Digital I/O. Parallel Slave Port data. RD4/PSP4 RD4 PSP4 27 2 2 I/O I/O ST TTL Digital I/O. Parallel Slave Port data. RD5/PSP5/P1B RD5 PSP5 P1B 28 3 3 I/O I/O O ST TTL — Digital I/O. Parallel Slave Port data. Enhanced CCP1 output. RD6/PSP6/P1C RD6 PSP6 P1C 29 4 4 I/O I/O O ST TTL — Digital I/O. Parallel Slave Port data. Enhanced CCP1 output. RD7/PSP7/P1D RD7 PSP7 P1D 30 5 5 I/O I/O O ST TTL — Digital I/O. Parallel Slave Port data. Enhanced CCP1 output. TABLE 1-3: PIC18F4420/4520 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP QFN TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power Note 1: Default assignment for CCP2 when configuration bit CCP2MX is set. 2: Alternate assignment for CCP2 when configuration bit CCP2MX is cleared. |