Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VGA7S019G-65-R16-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce VGA7S019G-65-R16-R
Description  7-CHANNEL INTEGRATED ESD SOLUTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

VGA7S019G-65-R16-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  VGA7S019G-65-R16-R Datasheet HTML 1Page - Unisonic Technologies VGA7S019G-65-R16-R Datasheet HTML 2Page - Unisonic Technologies VGA7S019G-65-R16-R Datasheet HTML 3Page - Unisonic Technologies VGA7S019G-65-R16-R Datasheet HTML 4Page - Unisonic Technologies VGA7S019G-65-R16-R Datasheet HTML 5Page - Unisonic Technologies VGA7S019G-65-R16-R Datasheet HTML 6Page - Unisonic Technologies VGA7S019G-65-R16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VGA7S019
Preliminary
TVS DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R223-024.c
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
VGA7S019L-xx-R16-T
VGA7S019G-xx-R16-T
SSOP-16
Tube
VGA7S019L-xx-R16-R
VGA7S019G-xx-R16-R
SSOP-16
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
VGA7S019G-xx-R16-T
(1)Packing Type
(2)Package Type
(3)SYNC Driver Output Resistance
(1) T: Tube, R: Tape Reel
(2) R16: SSOP-16
(3) xx: 15, 55, 65
(4) G: Halogen Free and Lead Free, L: Lead Free
(4)Green Package
MARKING



Html Pages

1 2 3 4 5 6 7