| Moteur de recherche de fiches techniques de composants électroniques |
|
U74HC164G-P14-R Fiches technique(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74HC164G-P14-R Fiches technique(HTML) 4 Page - Unisonic Technologies |
|
4 / 5 page ![]() U74HC164 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 5 www.unisonic.com.tw QW-R502-309.D DYNAMIC CHARACTERISTICS (TA=25°С, GND=0V; tR=tF=6ns; CL=50pF, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT VCC=2.0V 41 170 ns VCC=4.5V 15 34 ns Propagation Delay From CP to Qn tPHL, tPLH VCC=6.0V 12 29 ns VCC=2.0V 39 140 ns VCC=4.5V 14 28 ns Propagation Delay From MR to Qn tPHL VCC=6.0V 11 24 ns VCC=2.0V 19 75 ns VCC=4.5V 7 15 ns Output Transition Time tTHL, tTLH VCC=6.0V 6 13 ns VCC=2.0V 80 14 ns VCC=4.5V 16 5 ns Clock Pulse Width High or Low tW VCC=6.0V 14 4 ns VCC=2.0V 60 17 ns VCC=4.5V 12 6 ns Master Reset Pulse Width Low tW VCC=6.0V 10 5 ns VCC=2.0V 60 17 ns VCC=4.5V 12 6 ns Removal Time MR to CP trem VCC=6.0V 10 5 ns VCC=2.0V 60 8 ns VCC=4.5V 12 3 ns Setup Time DSA and DSB to CP tSU VCC=6.0V 10 2 ns VCC=2.0V +4 -6 ns VCC=4.5V +4 -2 ns Hold Time DSA and DSB to CP th VCC=6.0V +4 -2 ns VCC=2.0V 6 23 MHZ VCC=4.5V 30 71 MHZ Maximum clock pulse frequency fMAX VCC=6.0V 35 85 MHZ VCC=2.0V 6 MHz VCC=4.5V 31 MHz Clock Frequency fCLOCK VCC=6.0V 36 MHz OPERATING CHARACTERISTICS (TA=25°С, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Power Dissipation Capacitance CPD No load 40 pF |