Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSM64152AL Fiches technique(PDF) 9 Page - OKI electronic componets

No de pièce MSM64152AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64152AL Fiches technique(HTML) 9 Page - OKI electronic componets

Back Button MSM64152AL Datasheet HTML 5Page - OKI electronic componets MSM64152AL Datasheet HTML 6Page - OKI electronic componets MSM64152AL Datasheet HTML 7Page - OKI electronic componets MSM64152AL Datasheet HTML 8Page - OKI electronic componets MSM64152AL Datasheet HTML 9Page - OKI electronic componets MSM64152AL Datasheet HTML 10Page - OKI electronic componets MSM64152AL Datasheet HTML 11Page - OKI electronic componets MSM64152AL Datasheet HTML 12Page - OKI electronic componets MSM64152AL Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9/25
¡ Semiconductor
MSM64152A/64152AL
Secondary Functions
I
P2.0 to P2.3 secondary functions :
These are level-triggered external interrupt input pins.
Select interrupt enable/disable for each bit with the
P2 interrupt enable register (P2IE).
If P2.0 to P2.3 pins are set to "H" level for a minimum
of 2 seconds, the device enters system reset mode.
P2.0, P2.1 secondary functions :
trigger input pins for capture circuit.
49
52
48
51
47
50
46
49
External
Interrupts
I
P6.0 to P6.3 secondary functions :
These are level-triggered external interrupt input pins.
4
4
3
3
2
2
1
1
Pad
Pin
Description
Type
Function
P2.0
P2.1
P2.2
P2.3
P6.0
P6.1
P6.2
P6.3
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25