Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

COM20051 Fiches technique(PDF) 67 Page - List of Unclassifed Manufacturers

No de pièce COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Fiches technique(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 63Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 64Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 65Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 66Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 67Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 68Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 69Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 70Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
67
67
initially timing the token rotation. In order to find
an existing ID to time the rotation, an 840ms
timer is used.
At the end of the 840ms, the
DUPID is checked. If it is set then the node ID
value exists and can be used as a fake ID
(remember the node is not on the network). That
first ID value remains in the node ID register and
the above algorithm is used to determine the
remainder of the ID values.
FIGURE 21 – EXCESSIVE NACK INTERRUPT SERVICE ROUTINE
EXNACK ISR
ISSUE DISABLE
TRANSMITTER
COMMAND
ISSUE CLEAR
FLAGS CMD.
FREE UP PAGE
IN TX_PEND REG
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82