| Moteur de recherche de fiches techniques de composants électroniques |
|
HZU3CLL Fiches technique(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HZU3CLL Fiches technique(HTML) 3 Page - Renesas Technology Corp |
|
3 / 7 page ![]() HZU-LL Series Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise ADE-208-236C (Z) Rev.3 Dec. 2002 Features • Low noise voltage (approximately 1/3 to 1/10 lower than the HZU series). • Temperature coefficient is approximately 1/2 lower than the HZU series. • Vz-Iz characteristics are semi-logarithmic linear from Iz=1nA to 1mA. • Ultra small Resin Package(URP) is suitable for surface mount design. Ordering Information Type No. Mark Package Code HZU-LL Series Let to Mark Code URP Pin Arrangement Cathode mark Mark 12 1. Cathode 2. Anode |