| Moteur de recherche de fiches techniques de composants électroniques |
|
MAS6240C Fiches technique(PDF) 10 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6240C Fiches technique(HTML) 10 Page - Micro Analog systems |
|
10 / 13 page ![]() DA6240C.007 17 October, 2016 10 (13) QFN 3x3x0.75 12ld PCB LAND PATTERN Notes I/O lands should be 0.2mm longer than QFN pads and extend the same 0.2mm outside package outline exposed pad land size should be the same as QFN exposed pad size solder resist opening should be 120 m…150m larger than the land size resulting in 60m…75m clearance between copper land and solder resist |