Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS6240C Fiches technique(PDF) 8 Page - Micro Analog systems

No de pièce MAS6240C
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAS [Micro Analog systems]
Site Internet  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240C Fiches technique(HTML) 8 Page - Micro Analog systems

Back Button MAS6240C_16 Datasheet HTML 4Page - Micro Analog systems MAS6240C_16 Datasheet HTML 5Page - Micro Analog systems MAS6240C_16 Datasheet HTML 6Page - Micro Analog systems MAS6240C_16 Datasheet HTML 7Page - Micro Analog systems MAS6240C_16 Datasheet HTML 8Page - Micro Analog systems MAS6240C_16 Datasheet HTML 9Page - Micro Analog systems MAS6240C_16 Datasheet HTML 10Page - Micro Analog systems MAS6240C_16 Datasheet HTML 11Page - Micro Analog systems MAS6240C_16 Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DA6240C.007
17 October, 2016
8 (13)
QFN 2x2x0.5 12ld PCB LAND PATTERN
Notes
I/O lands should be 0.2mm longer than QFN pads and extend the same 0.2mm outside package outline
exposed pad land size should be the same as QFN exposed pad size
solder resist opening should be 120
m…150m larger than the land size resulting in 60m…75m
clearance between copper land and solder resist



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13