Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS6241 Fiches technique(PDF) 6 Page - Micro Analog systems

No de pièce MAS6241
Description  Piezo Driver with 3x Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAS [Micro Analog systems]
Site Internet  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6241 Fiches technique(HTML) 6 Page - Micro Analog systems

  MAS6241 Datasheet HTML 1Page - Micro Analog systems MAS6241 Datasheet HTML 2Page - Micro Analog systems MAS6241 Datasheet HTML 3Page - Micro Analog systems MAS6241 Datasheet HTML 4Page - Micro Analog systems MAS6241 Datasheet HTML 5Page - Micro Analog systems MAS6241 Datasheet HTML 6Page - Micro Analog systems MAS6241 Datasheet HTML 7Page - Micro Analog systems MAS6241 Datasheet HTML 8Page - Micro Analog systems MAS6241 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DA6241.005
31 January, 2019
6 (9)
DEVICE OUTLINE CONFIGURATION
Top Marking Information:
6241 = Product Number
VVV = Version
YWW = Year Week
QFN-12 3x3x0.75 PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
EN
1
DI
Enable input for on/off control
OFF: EN=low
ON: EN=high
2
NC
1
FEED
3
AI
Input for Piezo Sounder Feedback Terminal
VOB
4
DO
Output for Piezo Sounder Brass (Ground) Terminal
VOS
5
DO
Output for Piezo Sounder Silver Terminal
VOUT
6
AO
Charge pump output
CP2
7
AI/O
Flying capacitor 2 positive terminal
CN2
8
AI/O
Flying capacitor 2 negative terminal
CP1
9
AI/O
Flying capacitor 1 positive terminal
CN1
10
AI/O
Flying capacitor 1 negative terminal
VIN
11
P
Power supply
GND
12
G
Supply ground
EXP_PAD
-
G
Exposed pad connected to GND
1
G = Ground, P = Power, D = Digital, A = Analog, I = Input, O = Output, NC = Not Connected
Note 1: On PCB the NC pin and the exposed pad are recommended to be connected to GND



Html Pages

1 2 3 4 5 6 7 8 9