Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS6250 Fiches technique(PDF) 9 Page - Micro Analog systems

No de pièce MAS6250
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAS [Micro Analog systems]
Site Internet  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250 Fiches technique(HTML) 9 Page - Micro Analog systems

Back Button MAS6250 Datasheet HTML 5Page - Micro Analog systems MAS6250 Datasheet HTML 6Page - Micro Analog systems MAS6250 Datasheet HTML 7Page - Micro Analog systems MAS6250 Datasheet HTML 8Page - Micro Analog systems MAS6250 Datasheet HTML 9Page - Micro Analog systems MAS6250 Datasheet HTML 10Page - Micro Analog systems MAS6250 Datasheet HTML 11Page - Micro Analog systems MAS6250 Datasheet HTML 12Page - Micro Analog systems MAS6250 Datasheet HTML 13Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DA6250.007
13 April, 2018
9 (24)
Figure 7. Self-drive mode driving piezo in differential configuration by DIN on/off control
Figure 8. Self-drive mode driving piezo in differential configuration by VDD on/off control
The application figures above include optional 1k
Ω output protection resistor which offers an extra protection for
the over voltage that the piezo element could generate in a mechanical shock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24