| Moteur de recherche de fiches techniques de composants électroniques |
|
MAS6251 Fiches technique(PDF) 20 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6251 Fiches technique(HTML) 20 Page - Micro Analog systems |
|
20 / 21 page ![]() DA6251.002 27 October, 2017 20 (21) QFN-16 3X3x0.75 PCB LAND PATTERN Notes • I/O lands should be 0.2mm longer than QFN pads and extend the same 0.2mm outside package outline • exposed pad land size should be the same as QFN exposed pad size • solder resist opening should be 120 m…150m larger than the land size resulting in 60m…75m clearance between copper land and solder resist |