| Moteur de recherche de fiches techniques de composants électroniques |
|
MAS6260 Fiches technique(PDF) 8 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6260 Fiches technique(HTML) 8 Page - Micro Analog systems |
|
8 / 9 page ![]() DA6260.002 5 February, 2019 8 (9) PACKAGE (DFN-12 3X3x0.75) OUTLINE Symbol Min Nom Max Unit PACKAGE DIMENSIONS A 0.7 0.75 0.8 mm A1 0 0.035 0.05 mm b 0.17 0.22 0.27 mm D 3 BSC mm E 3 BSC mm e 0.45 BSC mm J (Exposed.pad) 1.6 1.7 1.8 mm K (Exposed.pad) 2.3 2.4 2.5 mm L 0.35 0.4 0.45 mm Dimensions do not include mold or interlead flash, protrusions or gate burrs. |