Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS6505BA1Q1706 Fiches technique(PDF) 42 Page - Micro Analog systems

No de pièce MAS6505BA1Q1706
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAS [Micro Analog systems]
Site Internet  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1Q1706 Fiches technique(HTML) 42 Page - Micro Analog systems

Back Button MAS6505BA1Q1706 Datasheet HTML 36Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 37Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 38Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 39Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 40Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 41Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 42Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 43Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 44Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
DA6505.005
11 June 2018
42 (44)
PACKAGE (QFN-24 4x4x0.85) OUTLINE
Symbol
Min
Nom
Max
Unit
PACKAGE DIMENSIONS
A
0.8
0.85
0.9
mm
A1
0
0.035
0.05
mm
A2
---
0.65
---
mm
A3
0.203 REF
mm
b
0.2
0.25
0.3
mm
c
0.203 REF
mm
D
4 BSC
mm
E
4 BSC
mm
e
0.5 BSC
mm
J (Exposed.pad)
2.5
2.6
2.7
mm
K (Exposed.pad)
2.5
2.6
2.7
mm
L
0.35
0.4
0.45
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44