Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS6503 Fiches technique(PDF) 24 Page - Micro Analog systems

No de pièce MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAS [Micro Analog systems]
Site Internet  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Fiches technique(HTML) 24 Page - Micro Analog systems

Back Button MAS6503 Datasheet HTML 20Page - Micro Analog systems MAS6503 Datasheet HTML 21Page - Micro Analog systems MAS6503 Datasheet HTML 22Page - Micro Analog systems MAS6503 Datasheet HTML 23Page - Micro Analog systems MAS6503 Datasheet HTML 24Page - Micro Analog systems MAS6503 Datasheet HTML 25Page - Micro Analog systems MAS6503 Datasheet HTML 26Page - Micro Analog systems MAS6503 Datasheet HTML 27Page - Micro Analog systems MAS6503 Datasheet HTML 28Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
DA6503.005
14 December 2016
24 (34)
4-WIRE SERIAL DATA INTERFACE (SPI BUS)
Figure 6 illustrates read access communication.
The auto increment function can be utilized also in
read access and if there are more than one data
byte read the additional data bytes are delivered
from following register addresses.
XCS
SCK
SDA
MISO
MSB
LSB
Register Address Byte
High Z
MSB
LSB
Data Byte
Ignored
Figure 6. SPI Protocol – Read Access (register address MSB bit A7=1)
SCLK
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34