Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PUSB403 Fiches technique(PDF) 5 Page - Protek Devices

No de pièce PUSB403
Description  ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PUSB403 Fiches technique(HTML) 5 Page - Protek Devices

  PUSB403 Datasheet HTML 1Page - Protek Devices PUSB403 Datasheet HTML 2Page - Protek Devices PUSB403 Datasheet HTML 3Page - Protek Devices PUSB403 Datasheet HTML 4Page - Protek Devices PUSB403 Datasheet HTML 5Page - Protek Devices PUSB403 Datasheet HTML 6Page - Protek Devices PUSB403 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
05581.R0 10/18
Page 5
PUSB403
ISO 9001: 2015 CERTIFIED
PACKAGE INFORMATION
OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
2.40
2.60
0.094
0.102
B
0.90
1.10
0.035
0.043
C
0.45
0.55
0.018
0.022
D
0.15
0.25
0.006
0.010
E
0.50
0.020
F
0.30
0.50
0.012
0.020
G
0.10
0.20
0.004
0.008
H
0.00
0.05
0.000
0.002
J
0.30
0.50
0.012
0.018
NOTES
1. Controlling dimension: millimeters.
PAD LAYOUT
DIM
MILLIMETERS
INCHES
NOMINAL
NOMINAL
A
1.40
0.055
B
0.62
0.024
C
0.24
0.009
D
0.44
0.017
E
0.50
0.020
F
0.78
0.031
NOTES
1. Controlling dimension: millimeters.
A
B
1
TOP VIEW
D
E
F
1
10
J
C
H
G
BOTTOM VIEW
A
B
F
E
C
D



Html Pages

1 2 3 4 5 6 7