Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AND8028 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce AND8028
Description  Precision Sub-One Volt 1.7 Ampere Output LDO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8028 Fiches technique(HTML) 3 Page - ON Semiconductor

  AND8028 Datasheet HTML 1Page - ON Semiconductor AND8028 Datasheet HTML 2Page - ON Semiconductor AND8028 Datasheet HTML 3Page - ON Semiconductor AND8028 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AND8028/D
http://onsemi.com
3
C2
++
C1
Out
GND
In
Q1
R6
R3
R2
R1
R5
R4
C4
D1
C3
Q2
U1
Figure 3. Layout of NCP100/MBT35200 LDO (4x)
Table 1. Part Description for LDO Circuit
Reference
Part
Description
C1
100 u
AVX Tantalum SMT
C2
100 u
AVX Tantalum SMT
C3
1 u
0805 Ceramic Chip Cap
C4
1 n
0805 Ceramic Chip Cap
D1
MRA4003T3
ON Semiconductor SMA Diode
JP1
Connector
3 Pin Connector
Q1
MBT35200
ON Semiconductor TSOP–6 PNP
Q2
MBT3904
ON Semiconductor SOT–23 NPN
R1
1.5 k
1206 Chip Resistor
R2
4.3 k
0805 Chip Resistor
R3
18
0805 Chip Resistor
R4
10
0805 Chip Resistor
R5
300
0805 Chip Resistor
R6
1 k
0805 Chip Resistor
U1
NCP100
ON Semiconductor Precision Reference



Html Pages

1 2 3 4