Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DGD05062 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce DGD05062
Description  HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD05062 Fiches technique(HTML) 2 Page - Diodes Incorporated

  DGD05062 Datasheet HTML 1Page - Diodes Incorporated DGD05062 Datasheet HTML 2Page - Diodes Incorporated DGD05062 Datasheet HTML 3Page - Diodes Incorporated DGD05062 Datasheet HTML 4Page - Diodes Incorporated DGD05062 Datasheet HTML 5Page - Diodes Incorporated DGD05062 Datasheet HTML 6Page - Diodes Incorporated DGD05062 Datasheet HTML 7Page - Diodes Incorporated DGD05062 Datasheet HTML 8Page - Diodes Incorporated DGD05062 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DGD05062
Document number: DS39910 Rev. 1 - 2
2 of 12
www.diodes.com
September 2017
© Diodes Incorporated
DGD05062
Pin Diagrams
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
Low-Side and Logic Supply
2
VB
High-Side Floating Supply
3
HO
High-Side Gate Drive Output
4
VS
High-Side Floating Supply Return
5
NC
No connection (No Internal Connection)
6
DT
Deadtime Control
7
EN
Logic Input Enable, a Logic Low turns off Gate Driver
8
IN
Logic Input for High-Side and Low-Side Gate Driver Outputs (HO and LO), in Phase with HO
9
COM
Low-Side and Logic Return
10
LO
Low-Side Gate Drive Output
PAD
Substrate
Connect to COM on PCB
Functional Block Diagram
Top View: W-DFN3030-10 (Type TH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12