Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DGD0504 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce DGD0504
Description  HALF-BRIDGE GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0504 Fiches technique(HTML) 2 Page - Diodes Incorporated

  DGD0504 Datasheet HTML 1Page - Diodes Incorporated DGD0504 Datasheet HTML 2Page - Diodes Incorporated DGD0504 Datasheet HTML 3Page - Diodes Incorporated DGD0504 Datasheet HTML 4Page - Diodes Incorporated DGD0504 Datasheet HTML 5Page - Diodes Incorporated DGD0504 Datasheet HTML 6Page - Diodes Incorporated DGD0504 Datasheet HTML 7Page - Diodes Incorporated DGD0504 Datasheet HTML 8Page - Diodes Incorporated DGD0504 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DGD0504
Document Number DS38668 Rev. 2 - 2
2 of 11
www.diodes.com
March 2017
© Diodes Incorporated
DGD0504
Pin Diagrams
(Top View)
W-DFN3030-10 (Type TH)
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
Logic and Low-Side Supply
2
IN
Logic Input for High-Side and Low-Side Gate Driver Outputs (HO and LO), in Phase with HO
3
SD*
Logic Input for Shutdown, Enabled Low
4, 7
NC
No Connection (No Internal Connection)
5
COM
Low-Side and Logic Return
6
LO
Low-Side Gate Drive Output
8
VS
High-Side Floating Supply Return
9
HO
High-Side Gate Drive Output
10
VB
High-Side Floating Supply
PAD
Substrate
Connect to COM on PCB
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11