Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC7710WD Fiches technique(PDF) 10 Page - Vitesse Semiconductor Corporation

No de pièce VSC7710WD
Description  Photodetector Transimpedance Amplifier Family for Optical Communication
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VITESSE [Vitesse Semiconductor Corporation]
Site Internet  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7710WD Fiches technique(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC7710WD Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 14Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7710
Photodetector/Transimpedance Amplifier
Family for Optical Communication
Page 10
G52139-0, Rev 2.2
04/02/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 6: Die Pad Descriptions
Pad
Number
Pad
Name
Pad Locations
Pad
Size
Pass
Opening
Pad
Finish
Finish
Thickness
X
Y
1
ANODE
104.5
880
110 x 110
89 x 89
Gold
1500
Å
2
CLON
71.7
1440.6
110 x 110
89 x 89
Gold
1500
Å
3
VDD
71.7
1601.2
110 x 110
89 x 89
Gold
1500
Å
4
VGND
790
1602.1
110 x 110
89 x 89
Gold
1500
Å
5
CLOP
790
1441.1
110 x 110
89 x 89
Gold
1500
Å
6
ANODE
765.9
781.2
110 x 110
89 x 89
Gold
1500
Å
7
CATHODE
764.3
595.8
110 x 201
89 x 180
Gold
1500
Å
8
VGND
595.4
55
246 x 110
223 x 86
Gold
1500
Å
9
VDD
258
55
246 x 110
223 x 86
Gold
1500
Å
10
CATHODE
428.5
530.5
522 x 522
310 x 310
Gold
1500
Å



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14