Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLC111 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CLC111
Description  Ultra High Slew Rate, Closed Loop Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC111 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  CLC111 Datasheet HTML 1Page - National Semiconductor (TI) CLC111 Datasheet HTML 2Page - National Semiconductor (TI) CLC111 Datasheet HTML 3Page - National Semiconductor (TI) CLC111 Datasheet HTML 4Page - National Semiconductor (TI) CLC111 Datasheet HTML 5Page - National Semiconductor (TI) CLC111 Datasheet HTML 6Page - National Semiconductor (TI) CLC111 Datasheet HTML 7Page - National Semiconductor (TI) CLC111 Datasheet HTML 8Page - National Semiconductor (TI) CLC111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Electrical Characteristics (Continued)
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined
from tested parameters.
Note 3: AJ-level: spec. is 100% tested at +25˚C.
Typical Performance Characteristics
Frequency Response vs. Output Swing
DS012720-6
Output Impedance
DS012720-7
Input Impedance
DS012720-8
PSRR
DS012720-9
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10