| Moteur de recherche de fiches techniques de composants électroniques |
|
LM431BCM3 Fiches technique(PDF) 12 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM431BCM3 Fiches technique(HTML) 12 Page - National Semiconductor (TI) |
|
12 / 12 page ![]() Physical Dimensions inches (millimeters) unless otherwise noted (Continued) LIFE SUPPORT POLICY NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. National Semiconductor Corporation Americas Email: support@nsc.com National Semiconductor Europe Fax: +49 (0) 180-530 85 86 Email: europe.support@nsc.com Deutsch Tel: +49 (0) 69 9508 6208 English Tel: +44 (0) 870 24 0 2171 Français Tel: +33 (0) 1 41 91 8790 National Semiconductor Asia Pacific Customer Response Group Tel: 65-2544466 Fax: 65-2504466 Email: ap.support@nsc.com National Semiconductor Japan Ltd. Tel: 81-3-5639-7560 Fax: 81-3-5639-7507 www.national.com NOTES: UNLESS OTHERWISE SPECIFIED 1. EPOXY COATING 2. 63Sn/37Pb EUTECTIC BUMP 3. RECOMMEND NON-SOLDER MASK DEFINED LANDING PAD. 4. PIN A1 IS ESTABLISHED BY LOWER LEFT CORNER WITH RESPECT TO TEXT ORIENTATION. REMAINING PINS ARE NUMBERED. 5. XXX IN DRAWING NUMBER REPRESENTS PACKAGE SIZE VARIATION WHERE X1 IS PACKAGE WIDTH, X2 IS PACKAGE LENGTH AND X3 IS PACKAGE HEIGHT. 6. REFERENCE JEDEC REGISTRATION MO-211, VARIATION BA. 4-Bump micro SMD X1 = 0.777 X2 = 0.904 X3 = 0.850 NS Package Number BPA04AFB National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications. |