| Moteur de recherche de fiches techniques de composants électroniques |
|
54MTKB Fiches technique(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
54MTKB Fiches technique(HTML) 6 Page - International Rectifier |
|
6 / 10 page ![]() Bulletin I27900 rev. A 12/99 1 Optional Hardware MT..KB Series GATE LEADS Ident No. Device Series Description 6443.2112.AA 51, 91, 111MT..KB 2 DX connectors with yellow and white leads 6443.2113.AA 52, 92, 112MT..KB 1 SX + 1 DX connectors with yellow and white leads 6443.2114.AA 53, 93, 113MT..KB 1 SX + 2 DX connectors with yellow and white leads 54, 94, 104MT..KB Ident No. 6444.0211.AA for all MT..KB Series Barriers Mounting Instructions Coat uniformly the groove on the plastic box with a silicon adhesive. Insert the barriers into the groove on the plastic box. Cure the silicon adhesive according to its technical notes. We suggest the use of DOW CORNING Silastic 744RTV (time curing 30 min. at room temperature). BARRIERS All dimensions are in millimeters (inches) All dimensions are in millimeters (inches) |