| Moteur de recherche de fiches techniques de composants électroniques |
|
MSM548331 Fiches technique(PDF) 18 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM548331 Fiches technique(HTML) 18 Page - OKI electronic componets |
|
18 / 23 page ![]() ¡ Semiconductor MSM548331 18/23 RCLK tRCLK N CYCLE (N-1)CYCLE (N-2)CYCLE (N+2) CYCLE (N+1) CYCLE Low RADE/RX — — RR tREH tREDS tREDH tRES Valid D(N+1) tAC — — — — RXINC — — RE — — DO0 - 11 — — OE — — — — — — — — — — — — Low Low Valid D(N+2) Valid D(N-1) Valid D(N) Valid D(N-3) Valid D(N-2) tOH High tOH Valid D(N+2) High-Z tDEOE tAC Valid D(N+3) Valid D(N-1) Valid D(N) Valid D(N-3) Valid D(N-2) tDDOE — — — — tRCLK N CYCLE (N-1)CYCLE (N-2)CYCLE (N+3) CYCLE (N+2) CYCLE Low Low Low High RCLK RADE/RX RR RXINC OE DO0 - 11 RE , Read Cycle (RE Control) Note : In the cycle of OE = "L", the read address pointer is incremented and the output enters the high impedance state. Note : In the cycle of RE = "L", the read address pointer is not incremented and the data at the address is output continuously. Read Cycle (OE Control) |