Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS432DASN Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce AS432DASN
Description  1.24V Precision Adjustable Shunt Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

AS432DASN Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

  AS432DASN Datasheet HTML 1Page - List of Unclassifed Manufacturers AS432DASN Datasheet HTML 2Page - List of Unclassifed Manufacturers AS432DASN Datasheet HTML 3Page - List of Unclassifed Manufacturers AS432DASN Datasheet HTML 4Page - List of Unclassifed Manufacturers AS432DASN Datasheet HTML 5Page - List of Unclassifed Manufacturers AS432DASN Datasheet HTML 6Page - List of Unclassifed Manufacturers AS432DASN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
31
www.ptcc.com.tw
AS432
1.24V Precision Adjustable Shunt Reference
100
10
1.0
0.1
0.01
1 k
10 k
100 k
f – Frequency (Hz)
1 M
10 M
T
A = 25°C
I
K = 1 to 100 mA
Dynamic Output Impedance
80
70
60
50
40
30
20
10
0
1 k
10 k
100 k
1 M
10 M
f – Frequency (Hz)
230
Ω
I
K
Temperature Range: –55
° to 125°C
I
K = 10 mA
OUT
GND
15 k
8.25 k
9
µF
Small Signal Voltage Gain vs. Frequency
Figure 10
Figure 11
Typical Performance Curves



Html Pages

1 2 3 4 5 6 7