Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX88178L Fiches technique(PDF) 13 Page - ASIX Electronics Corporation

No de pièce AX88178L
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASIX [ASIX Electronics Corporation]
Site Internet  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178L Fiches technique(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88178L Datasheet HTML 9Page - ASIX Electronics Corporation AX88178L Datasheet HTML 10Page - ASIX Electronics Corporation AX88178L Datasheet HTML 11Page - ASIX Electronics Corporation AX88178L Datasheet HTML 12Page - ASIX Electronics Corporation AX88178L Datasheet HTML 13Page - ASIX Electronics Corporation AX88178L Datasheet HTML 14Page - ASIX Electronics Corporation AX88178L Datasheet HTML 15Page - ASIX Electronics Corporation AX88178L Datasheet HTML 16Page - ASIX Electronics Corporation AX88178L Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
ASIX ELECTRONICS CORPORATION
13
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
5.0 USB Configuration Structure
5.1 USB Configuration
The AX88178 supports 1 Configuration only.
5.2 USB Interface
The AX88178 supports 2 interfaces, the interface 0 is Data Interface and interface 1 is for Communication Interface.
5.3 USB Endpoints
The AX88178 supports following 4 endpoints:
Endpoint 0: Control endpoint. It is used for configuring the device, e.g., standard commands and vendor commands,
etc.
Endpoint 1: Interrupt endpoint. It is used for reporting status.
Endpoint 2: Bulk Out endpoint. It is used for transmitting Ethernet Packet.
Endpoint 3: Bulk In endpoint. It is used for receiving Ethernet Packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35