Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T60 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce M41T60
Description  Serial Access Real-Time Clock
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button M41T60 Datasheet HTML 15Page - STMicroelectronics M41T60 Datasheet HTML 16Page - STMicroelectronics M41T60 Datasheet HTML 17Page - STMicroelectronics M41T60 Datasheet HTML 18Page - STMicroelectronics M41T60 Datasheet HTML 19Page - STMicroelectronics M41T60 Datasheet HTML 20Page - STMicroelectronics M41T60 Datasheet HTML 21Page - STMicroelectronics M41T60 Datasheet HTML 22Page - STMicroelectronics M41T60 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
M41T60
20/23
Figure 19. QFN16 – 16-lead, Quad, Flat Package, No Lead, 3x3mm, Recommended Footprint
Note: Substrate pad should be tied to VSS.
Figure 20. 32KHz Crystal + QFN16 vs. VSOJ20 Mechanical Data
Note: Dimensions shown are in millimeters (mm).
0.28
1.60
3.55
2.0
AI09126
1
XI
2
XO
3
4
AI11146
ST QFN16
SMT
CRYSTAL
VSOJ20
2.9
2.9
1.5
3.2
6.0 ± 0.2
7.0 ± 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23