Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AL1663 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce AL1663
Description  UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663 Fiches technique(HTML) 2 Page - Diodes Incorporated

  AL1663_17 Datasheet HTML 1Page - Diodes Incorporated AL1663_17 Datasheet HTML 2Page - Diodes Incorporated AL1663_17 Datasheet HTML 3Page - Diodes Incorporated AL1663_17 Datasheet HTML 4Page - Diodes Incorporated AL1663_17 Datasheet HTML 5Page - Diodes Incorporated AL1663_17 Datasheet HTML 6Page - Diodes Incorporated AL1663_17 Datasheet HTML 7Page - Diodes Incorporated AL1663_17 Datasheet HTML 8Page - Diodes Incorporated AL1663_17 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 2 - 2
2 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AL1663/AL1663R
Typical Applications Circuit
T1
OUT
+
VCC
OUT
CS
GND
U1
R5
R6
R4
D1
C6
RTH
AC
Input
F1
VR1
DB1
C2
L1
C1
RCS
R10
FB
COMP
D2
C5
R14
C7
D3
Q1
Ccomp
Aux
PWMD
R9
D4
AL1663
APWM
Rcomp
Cvcc
AL1663 Flyback Application Circuit
T1
OUT
VCC
OUT
CS
GND
R5
R6
R4
D1
C6
RTH
AC
Input
F1
VR1
DB1
C2
L1
C1
RCS
FB
COMP
Q1
Ccomp
Aux
PWMD
R9
D4
AL1663
Rcomp
Cvcc
D3
R11
APWM
AL1663 Buck-Boost Application Circuit
T1
OUT
+
VCC
OUT
CS
GND
U1
R5
R6
R4
D1
C6
RTH
AC
Input
F1
VR1
DB1
C2
L1
C1
RCS
R10
FB
COMP
D2
C5
R14
C7
D3
Q1
Ccomp
Aux
NC
R9
D4
APWM
Rcomp
Cvcc
AL1663R
AL1663R Flyback Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15