| Moteur de recherche de fiches techniques de composants électroniques |
|
OV9782 Fiches technique(PDF) 1 Page - OmniVision Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
OV9782 Fiches technique(HTML) 1 Page - OmniVision Technologies, Inc. |
|
1 / 2 page ![]() 1-Megapixel OmniPixel®3-GS RGB Sensor for Computer Vision Applications OV97821-megapixelproductbrief lead free available in a lead-free package OmniVision's OV9782 is a high-speed global shutter image sensor that bring 1-megapixel resolution to a wide range of consumer and industrial computer vision applications, including augmented reality (AR), virtual reality (VR), collision avoidance in drones, bar code scanning and factory automation. Built on OmniVision's OmniPixel®3-GS pixel technology, the OV9782 features a high-speed global shutter pixel with best-in-class near-infrared (NIR) quantum efficiency (QE) to meet high-resolution and low-latency requirements. Special features of the OV9782 include region of interest (ROI) selection and context switching. This allows some of the camera settings to change dynamically as fast as alternating frames. The 1/4-inch OV9782 captures color 1280 x 800 resolution images at 120 frames per second (fps) and VGA resolution at 180 fps with 2-lane MIPI and DVP output. The OV9782 also features support for frame synchronization and dynamic defective pixel correction. The OV9782 features a CRA of 26.78 degrees and is available in a COB packagge. The sensor is currently available in volume production. Find out more at www.ovt.com. |
Numéro de pièce similaire - OV9782 |
|
Description similaire - OV9782 |