| Moteur de recherche de fiches techniques de composants électroniques |
|
UT3223G-R20-R Fiches technique(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT3223G-R20-R Fiches technique(HTML) 7 Page - Unisonic Technologies |
|
7 / 9 page ![]() UT3223 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 7 of 9 www.unisonic.com.tw QW-R502-A91.e DETAILED DESCRIPTION(Cont.) Table 2 summarizes the UTC UT3223 operating modes. FORCEON and FORCEOFF override the automatic circuitry and force the transceiver into its normal operating state or into its low-power standby state. When neither control is asserted, the IC selects between these states automatically based on receiver input levels. 0V +0.3V +2.7V -0.3V -2.7V Transmitters Enabled, INVALID High Shutdown, Transmitters Disabled, 1µA Supply Current, INVALID Low Transmitters Enabled, INVALID High Indeterminate Indeterminate Fig.1 Shutdown Input Levels When shutdown, the UTC UT3223’s charge pumps are turned off, V+ decays to VCC, V- decays to ground, the transmitter outputs are disabled (high impedance). The time required to exit shutdown is typically 100µs. Fig.2 Shutdown Input Timing |