Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OV13B10 Fiches technique(PDF) 2 Page - OmniVision Technologies, Inc.

No de pièce OV13B10
Description  1/3-inch 13MP Image Sensor for Mainstream
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMNIVISION [OmniVision Technologies, Inc.]
Site Internet  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV13B10 Fiches technique(HTML) 2 Page - OmniVision Technologies, Inc.

  OV13B10 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV13B10 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Smart Phones and Feature Phones
PC multimedia
¬
¬
Tablets
Wearables
Applications
¬
¬
¬
¬
¬
¬
¬
1.12 µm x 1.12 µm pixel
optical size of 1/3.06"
33.25° CRA
support for phase detection auto
focus (PDAF)
13MP at 30 fps
programmable controls for:
- frame rate
- mirror and flip
- cropping
- windowing
supports images sizes:
- 13MP (4208x3120)
- 10MP (4208x2368)
- 3MP (2104x1560)
- 1080p, and more
support for output formats:
- 10-bit RAW RGB
total embedded one-time
programmable (OTP) memory:
512 bytes
two-wire serial bus control (SCCB)
MIPI serial output interface
(1-lane, 2-lane, or 4-lane)
two on-chip phase lock loops (PLLs)
2x binning support
image quality controls:
- defect pixel correction (DPC)
- automatic black level calibration (ABLC)
suitable for module size of
8.5 x 8.5 x <5 mm
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV13B10-GA5A-Z
(color, chip probing, 150 µm backgrinding, reconstructed wafer with good die)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
active array size: 4208 x 3120
power supply:
- analog: 2.7 to 2.9V (2.8V nominal)
- core: 1.14 to 1.26V (1.2V nominal)
- I/O: 1.7 to 1.9V (1.8V nominal)
temperature range:
- operating: -30°C to +85°C junction
temperature
- stable image: 0°C to +60°C junction
temperature
output interface: 4-lane MIPI serial
output
output format: 10-bit RGB RAW
lens size: 1/3.06"
input clock frequency: 6 ~ 64 MHz
¬
¬
¬
¬
¬
¬
¬
lens chief ray angle: 33.25° non-linear
maximum image transfer rate:
- 13MP (4208x3120): 30 fps
- 10MP (4208x2368): 30 fps
- 3MP (2104x1560): 60 fps
- 1080p (1920x1080): 60 fps
minimum exposure: 4-row
maximum exposure: VTS-8
pixel size: 1.12 µm x 1.12 µm
image area: 4713.984 µm x 3499.776 µm
die dimensions:
- COB: 5412.6 µm x 4741.2 µm
- RW: 5462.6 µm x 4791.2 µm
Product Specifications
Version 1.0, January 2019
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and PureCel are registered
trademarks of OmniVision Technologies, Inc. All other trademarks are the property of their
respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV13B10
OV13B10
image sensor core
image
sensor
processor
image
interface
column
sample/hold
PLLs
PLL
control register bank
SCCB interface
timing generator and system control logic
gain
control
MCP
MCN
MDP[3:0]
MDN[3:0]
image
array
AMP
10-bit
ADC



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com