Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAM2306D Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce PAM2306D
Description  DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2306D Fiches technique(HTML) 2 Page - Diodes Incorporated

  PAM2306D Datasheet HTML 1Page - Diodes Incorporated PAM2306D Datasheet HTML 2Page - Diodes Incorporated PAM2306D Datasheet HTML 3Page - Diodes Incorporated PAM2306D Datasheet HTML 4Page - Diodes Incorporated PAM2306D Datasheet HTML 5Page - Diodes Incorporated PAM2306D Datasheet HTML 6Page - Diodes Incorporated PAM2306D Datasheet HTML 7Page - Diodes Incorporated PAM2306D Datasheet HTML 8Page - Diodes Incorporated PAM2306D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM2306D
Document number: DS36394 Rev. 2 - 2
2 of 12
www.diodes.com
December 2014
© Diodes Incorporated
PAM2306D
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
WDFN3x3-12L
Function
1
VIN2
Power Input of Channel 2.
2
LX2
Pin for Switching of Channel 2.
3, 9
Exposed Pad
GND
Ground. The exposed pad must be soldered to a large PCB and connected to GND for maximum
power dissipation.
4
FB1
Feedback of Channel 1.
5, 11
NC1, NC2
No Connection
6
EN1
Chip Enable of Channel 1 (Active High). VEN1 ≤ VIN1.
7
VIN1
Power Input of Channel 1.
8
LX1
Pin for Switching of Channel 1.
10
FB2
Feedback of Channel 2.
12
EN2
Chip Enable of Channel 2 (Active High). VEN2 ≤ VIN2.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12