Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AXIOM75SL Fiches technique(PDF) 8 Page - Advanced XTAL Products

No de pièce AXIOM75SL
Description  Low Phase Noise 10 MHz OCXO with Sine wave output for Space Application (COTS)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AXTAL [Advanced XTAL Products]
Site Internet  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75SL Fiches technique(HTML) 8 Page - Advanced XTAL Products

Back Button AXIOM75SL Datasheet HTML 4Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 5Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 6Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 7Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 8Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 9Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 10Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 11Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 12Page - Advanced XTAL Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM75SL Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 8(13)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
5.2 Group A inspection
Table 6 shows the Group A inspection procedure.
Test
Reference
Test condition
Group A inspection
MIL-PRF-55310, Clause 4.7.1.4
Table V, Product level “S”
Table 6 – Group A inspection procedure
Notes:
1.
Electrical measurements performed during screening are not repeated during Group A inspection
5.3 Group B inspection (Aging)
Table 7 shows the Group B inspection procedure.
#
Test
Reference
1
Aging test
MIL-PRF-55310, Clause 4.7.1.5
Product level “S”
2
Electrical measurements at room temperature (Final)
IEC 60679-1 (see Table 1)
Table 7 – Group B inspection procedure
Table 8 shows the detailed test conditions for each step in table 7.
#
Test
Test Condition
1
Aging test
@ Tamb = 30°C±3°C for 30 days (nominal VS and Load)
Frequency measurement every hour
Limits Aging: See Table 1
2
Electrical measurements at
room temperature (Final)
@ Tamb = 25°C±3°C (unless otherwise stated)
Table 11
Table 8 – Detailed test conditions for Group B inspection procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com