| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS952302 Fiches technique(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS952302 Fiches technique(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 15 page ![]() 13 ICS952302 0957B—10/05/04 CLK_STOP# Timing Diagram CLK_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPU clocks for low power operation. CLK_STOP# is synchronized by the ICS952302.The minimum that the CPU clock is enabled (CLK_STOP# high pulse) is 100 CPU clocks. All other clocks will continue to run while the CPU clocks are disabled.The CPU clocks will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. CPU clock on latency is less than 4 CPU clocks and CPU clock off latency is less than 4 CPU clocks. Notes: 1. All timing is referenced to the internal CPU clock. 2. CLK_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized to the CPU clocks inside the ICS952302. 3. CLK_STOP# signal. 4. All other clocks continue to run undisturbed. PCICLK CPUCLK _F PCI_STOP# (High) CLK_STOP# INTERNAL CPUCLK |