Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF2768L-SM2-R Fiches technique(PDF) 5 Page - Unisonic Technologies

No de pièce UF2768L-SM2-R
Description  THREE-PHASE SINE-WAVE SENSOR-LESS FAN MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF2768L-SM2-R Fiches technique(HTML) 5 Page - Unisonic Technologies

  UF2768L-SM2-R Datasheet HTML 1Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 2Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 3Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 4Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 5Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 6Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 7Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UF2768
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 8
www.unisonic.com.tw
QW-R140-012.a
FU N CT I ON AL
DESCRI PT I ON
PWM Speed Control (Fixed-Frequency Output)
It is possible to change rotation speed of the motor by switching output transistor. The on-duty of switching
de-pends on the signal from input to PWM terminal. The output PWM frequency is fixed frequency.(30KHZ) (See
Figure 1 PWM Input Waveform).
Quick Start
This IC disables the lock protection function when the PWM input keeps low level for more than 16ms. (See Figure
2 Quick Start Waveform)
FG Output
The FG pin is an open-drain output, connecting a pull up resistor to a high level voltage for the speed detection
function. When WO pin voltage switches to high, the FG is high (switch off) and the WO pin voltage switches to low
then FG is low (switch on). The FG output only works in sensor- less mode. (See Figure 3 FG Output Waveform)



Html Pages

1 2 3 4 5 6 7 8