| Moteur de recherche de fiches techniques de composants électroniques |
|
EB350 Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB350 Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 4 page ![]() © Motorola, Inc., 2000 EB350 Order this document by EB350/D Motorola Semiconductor Engineering Bulletin EB350 How to Use the MC68HC812A4 in Special Expanded Narrow Mode Using the M68HC12AEVB By Edgar Saenz Motorola Microcontroller Division Austin, Texas Introduction The MC68HC812A4 (812A4) is designed primarily as an expanded mode microcontroller. It can be operated in expanded narrow mode for 8-bit peripheral devices and in expanded wide mode for 16-bit peripheral devices. The M68HC12A4EVB (A4EVB) is designed to accommodate expanded narrow mode of operation, although in the factory it is configured in expanded wide mode. The steps to set up the evaluation board are described in this engineering bulletin. They are designed to help guide users to configure emulation RAM (random-access memory) in expanded narrow mode and to utilize a third-party debugger to debug in C language. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Numéro de pièce similaire - EB350 |
|
Description similaire - EB350 |